| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
XVLA325
|
114Kb / 5P |
Harmony XVL, Pilot light, plastic, yellow, 횠12, covered LED, 12 V DC
Sep 27, 2021 |
|
XVLA335
|
114Kb / 5P |
Harmony XVL, Pilot light, plastic, yellow, 횠12, covered LED, 24 V DC
Sep 27, 2021 |
|
ZB6AV5
|
164Kb / 6P |
Head for pilot light, Harmony XB6, yellow 횠 16 integral LED
Sep 15, 2021 |
|
ZB6CV5
|
159Kb / 7P |
Head for pilot light, Harmony XB6, square yellow 횠 16 integral LED
Sep 15, 2021 |
|
ZB6DV5
|
168Kb / 7P |
Head for pilot light, Harmony XB6, rectangular yellow 횠 16 integral LED
Sep 15, 2021 |
|
XB4BVCUST04
|
139Kb / 1P |
PILOT LIGHT
Sep 29, 2021 |
|
XB7EV03BP
|
129Kb / 5P |
PILOT LIGHT LED 24V GREEN
Aug 11, 2019 |
|
ZA2BV03
|
149Kb / 2P |
PILOT LIGHT
Mar 21, 2022 |
|
ZA2BV04
|
122Kb / 2P |
PILOT LIGHT
Mar 21, 2022 |
|
ZA2BV05
|
143Kb / 2P |
PILOT LIGHT
Mar 21, 2022 |