| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
QMB222TW
|
98Kb / 2P |
60A-60A 4.5 Inch 2P 240VAC Fusible Switch
Apr 6, 2020 |
|
QMB262TW
|
98Kb / 2P |
60A-60A 6 Inch 2P 600VAC/250VDC Fusible Switch
|
|
QMB322TW
|
98Kb / 2P |
60A-60A 4.5 Inch 3P 240VAC Fusible Switch
|
|
QMJ362T
|
101Kb / 2P |
60A-60A 6 Inch 3P 600VAC Fusible Switch
Apr 6, 2020 |
|
QMB362THEW
|
57Kb / 2P |
SW,FUSIBLE BRNCH QMB 60A 3P TWIN CHICAGO
Jun 17, 2021 |
|
H362DSVW
|
101Kb / 1P |
SWITCH FUSIBLE HD 60A 3P STAINLESS / VIEW
Aug 15, 2019 |
|
H60XFA1212
|
107Kb / 2P |
SWITCH NOT FUSIBLE HD 60A 3P / AUXILIARY
Aug 15, 2019 |
|
HU361AWAVW
|
49Kb / 2P |
SW NOT FUSIBLE HD 30A NEMA12/VIEW WINDOW
Aug 17, 2019 |
|
HU361RBGL
|
47Kb / 1P |
SW NOT FUSIBLE HD 30A NEMA3R/ GROUND LUG
Aug 15, 2019 |
|
HU363DSVW
|
92Kb / 1P |
SW NOT FUSIBLE HD 100A 3P STAINLESS/ VIEW
Aug 15, 2019 |