| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Littelfuse |
194
|
88Kb / 2P |
MINIATURE FUSES - 5x20 mm
|
 PHOENIX CONTACT |
2901606
|
61Kb / 4P |
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,5M
|
|
2904075
|
48Kb / 3P |
Cable - CABLE-FLK10/OE/0,14/ 1,5M
|
|
2318884
|
80Kb / 5P |
Cable - VIP-CAB-FLK50/0,14/1,5M
09/12/2020 |
 Schneider Electric |
TM1STNTCRN52030
|
53Kb / 1P |
NTC 3,0m IP68 5x20 -50110째C Grey
Aug 11, 2019 |
|
TM1STNTCRN52050
|
54Kb / 1P |
NTC 5,0m IP68 5x20 -50110째C Grey
Aug 11, 2019 |
|
TM1STPTTSN52015
|
53Kb / 1P |
PT1000 1,5m IP68 5x20 -50110째C Green
Aug 11, 2019 |
|
TM1STPTTSN52030
|
53Kb / 1P |
PT1000 3,0m IP68 5x20 -50110째C Green
Aug 10, 2019 |
|
TM1STPTTSN52050
|
53Kb / 1P |
PT1000 5,0m IP68 5x20 -50110째C Green
Aug 10, 2019 |
 Schurter Inc. |
SP5X20
|
221Kb / 2P |
Fuse Kit Miniature Fuse FST 5x20 / SP 5x20
04.01.2022 |