전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTMFD5C650NL 데이터시트 (PDF) - ON Semiconductor

부품명 NTMFD5C650NL
상세설명  MOSFET ??Power, Dual, N-Channel 60 V, 4.2 m, 111 A
파일 크기   231.32 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD5C650NL 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NTMFD5C650NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMFD5C672NL ONSEMI-NTMFD5C672NL Datasheet
230Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 11.9 m, 49 A
May, 2019 ??Rev. 0
NTMFD5C672NLT1G ONSEMI-NTMFD5C672NLT1G Datasheet
230Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 11.9 m, 49 A
May, 2019 ??Rev. 0
NTMFD5C674NL ONSEMI-NTMFD5C674NL Datasheet
369Kb / 7P
MOSFET ??Dual, N-Channel 60 V, 14.4 m, 42 A
May, 2019 ??Rev. P3
NTMFD5C674NLT1G ONSEMI-NTMFD5C674NLT1G Datasheet
369Kb / 7P
MOSFET ??Dual, N-Channel 60 V, 14.4 m, 42 A
May, 2019 ??Rev. P3
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
More results


유사한 설명 - NTMFD5C650NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTB004N10G ONSEMI-NTB004N10G Datasheet
216Kb / 7P
MOSFET - Power, N-Channel 100 V, 4.2 m, 201 A
January, 2022 ??Rev. 4
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
NVD5C454N ONSEMI-NVD5C454N Datasheet
233Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.2 m, 83 A
June, 2019-Rev. 0
NVMFD5C650NL ONSEMI-NVMFD5C650NL Datasheet
233Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 4.2 m, 111 A
July, 2019 ??Rev. P3
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVLJWS5D0N03CL ONSEMI-NVLJWS5D0N03CL Datasheet
169Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 4.2 m, 77 A
June, 2022 - Rev. 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com