| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 WAGO Kontakttechnik Gmb... |
750-562
|
523Kb / 11P |
2-channel analog output; 0 ??10 V/짹10 VDC; 16 bits
|
|
750-560
|
460Kb / 11P |
2-channel analog output; 0 ... 10 VDC; 10 bits; 100 mW/24 V
|
 Schneider Electric |
STBACI1225K
|
134Kb / 5P |
basic analog input kit STB - 4..20 mA - 2 I - 10 bits
Apr 8, 2022 |
|
STBACO1210K
|
141Kb / 5P |
standard analog output kit STB - 0..20 mA - 2 O - 12 bits
Apr 8, 2022 |
|
STBACO1225K
|
140Kb / 5P |
basic analog output kit STB - 4..20 mA - 2 O - 10 bits
Apr 7, 2022 |
|
STBAVI1255K
|
135Kb / 5P |
basic analog input kit STB - 0..10 V - 2 I - 10 bits
Apr 8, 2022 |
|
STBAVI1270K
|
135Kb / 5P |
standard analog input kit - Modicon STB - /- 10 V - 2 I -11 bits sign
Apr 8, 2022 |
|
STBAVO0200K
|
143Kb / 5P |
standard analog output kit STB - /- 10 V - 2 O - 15 bits sign
Apr 8, 2022 |
|
STBAVO1250K
|
143Kb / 5P |
standard analog output kit STB - /- 10 V - 2 O - 12 bits
Apr 8, 2022 |
|
STBAVO1265K
|
143Kb / 5P |
basic analog output kit STB - /- 10 V - 2 O - 9 bits sign
Apr 8, 2022 |