| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
STBPDT3100K
|
113Kb / 5P |
standard power distribution kit STB - 24 V DC
Aug 11, 2019 |
|
STBDAI5230K
|
130Kb / 5P |
standard digital input kit - Modicon STB - 115 V AC - 2 I
Apr 7, 2022 |
|
STBDAI5260K
|
140Kb / 5P |
standard digital input kit STB - 115 V AC - 2 I
Apr 7, 2022 |
|
STBDAI7220K
|
132Kb / 5P |
standard digital input kit - Modicon STB - 230 V AC - 2 I
Apr 8, 2022 |
|
STBDAO5260K
|
133Kb / 5P |
standard digital output kit STB - 115 V AC - 2 O
Apr 8, 2022 |
|
STBDAO8210K
|
133Kb / 5P |
standard digital output kit - Modicon STB - 115..230 V AC - 2 O
Apr 8, 2022 |
|
STBDRC3210K
|
141Kb / 5P |
standard digital output kit STB - 24 V 115..230 V AC DC - 2 O
Apr 8, 2022 |
|
STBPDT3100K
|
138Kb / 5P |
standard power distribution kit STB - 24 V DC
Apr 7, 2022 |
|
140CPS12400
|
117Kb / 4P |
power supply module Modicon Quantum - 115 V/230 V AC - redundant
Apr 12, 2022 |
|
140CPS12420
|
117Kb / 4P |
power supply module Modicon Quantum - 115 V/230 V AC - redundant
Apr 12, 2022 |