| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 ON Semiconductor |
NVD5865NLT4G
|
115Kb / 6P |
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2 |
|
NVMFS5826NLT1G
|
116Kb / 6P |
Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3 |
|
NVMFS5C612N
|
151Kb / 6P |
Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel
April, 2019 ??Rev. 0 |
|
NTMTS001N06CL
|
364Kb / 7P |
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1 |
|
NTD5C668NL
|
180Kb / 7P |
Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1 |
|
NTD5C688NL
|
180Kb / 7P |
Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2 |
|
NTMJS2D5N06CL
|
352Kb / 7P |
Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel
March, 2019?뭃ev. 0 |
|
NTMTS001N06C
|
311Kb / 8P |
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0 |
|
NTMYS3D3N06CL
|
322Kb / 7P |
Power MOSFET 60 V, 3.0 m, 133 A, Single N?묬hannel
March, 2019-Rev. 0 |
|
NVMYS014N06CL
|
345Kb / 7P |
MOSFET – Power, Single N-Channel 60 V, 15 m, 37 A
July, 2019 - Rev. 0 |