전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2907190 데이터시트 (PDF) - PHOENIX CONTACT

부품명 2907190
상세설명  Fuse set - FUSE/TE5/5A/T-10PCS
파일 크기   51.7 Kbytes
Html View  1   2 
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907190 데이터시트 (PDF) - PHOENIX CONTACT



유사한 부품 번호 - 2907190

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
2907191 PHOENIX-2907191 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 1A C1D2
01/20/2017
2907192 PHOENIX-2907192 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 2A C1D2
01/20/2017
2907193 PHOENIX-2907193 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 3A C1D2
01/20/2017
2907194 PHOENIX-2907194 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 5A C1D2
01/20/2017
2907195 PHOENIX-2907195 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 7.5A C1D2
01/20/2017
More results


유사한 설명 - 2907190

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
Littelfuse
39611000000 LITTELFUSE-39611000000 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
logo
PHOENIX CONTACT
2900997 PHOENIX-2900997 Datasheet
46Kb / 2P
Fuse set - VF-SI/TR5/0,4AT
2901003 PHOENIX-2901003 Datasheet
46Kb / 2P
Fuse set - VF-SI/TR5/1AF
2901008 PHOENIX-2901008 Datasheet
46Kb / 2P
Fuse set - VF-SI/TR5/0,1AT
2905277 PHOENIX-2905277 Datasheet
54Kb / 2P
Fuse set - FUSE/TE5/1A/F-10PCS
09/12/2020
2905605 PHOENIX-2905605 Datasheet
54Kb / 2P
Fuse set - FUSE/TE5/6.3A/T-10PCS
09/12/2020
2907188 PHOENIX-2907188 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/160MA/F-10PCS
09/12/2020
2907426 PHOENIX-2907426 Datasheet
54Kb / 2P
Fuse set - FUSE/NANO/10A/F-10PCS
09/12/2020
logo
Littelfuse
55900000001 LITTELFUSE-55900000001 Datasheet
230Kb / 2P
559/560 Series Fuse Blocks for TE5/TR5 Type Fuses
Revised: GD. 05/17/21
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com