전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NVD5C486NL 데이터시트 (PDF) - ON Semiconductor

부품명 NVD5C486NL
상세설명  MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
파일 크기   234.51 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5C486NL 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NVD5C486NL

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
NVD5C486NL ISC-NVD5C486NL Datasheet
260Kb / 2P
isc N-Channel MOSFET Transistor
More results


유사한 설명 - NVD5C486NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTD5865NL ONSEMI-NTD5865NL Datasheet
275Kb / 7P
N-Channel Power MOSFET 60 V, 40 A, 16 m廓
June, 2010 -- Rev. 1
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVD5C486N ONSEMI-NVD5C486N Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 17.9 m, 22 A
June, 2019-Rev. 0
NVLJWS011N04CL ONSEMI-NVLJWS011N04CL Datasheet
170Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 11 m, 37 A
March, 2022 ??Rev. 0
NVTFS015N04C ONSEMI-NVTFS015N04C Datasheet
209Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 17.3 m, 27 A
August, 2019 ??Rev. 1
NVTYS005N04CL ONSEMI-NVTYS005N04CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.8 m, 75 A
April, 2021 ??Rev. 1
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com