전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NVB055N60S5F 데이터시트 (PDF) - ON Semiconductor

부품명 NVB055N60S5F
상세설명  MOSFET - N-Channel SuperFET V, FRFET 600 V, 55 m, 45 A
파일 크기   258.53 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVB055N60S5F 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NVB055N60S5F

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NVB072N65S3 ONSEMI-NVB072N65S3 Datasheet
227Kb / 8P
MOSFET - Power, N-Channel, Automotive SUPERFET III, Easy-Drive 650 V, 72 m, 44 A
September, 2021 ??Rev. 5
NVB082N65S3F ONSEMI-NVB082N65S3F Datasheet
242Kb / 9P
MOSFET - Power, Single N-Channel, D2PAK 650 V, 82 m, 40 A
November, 2020 ??Rev. 4
NVB095N65S3F ONSEMI-NVB095N65S3F Datasheet
244Kb / 11P
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
November, 2020 ??Rev. 0
NVB099N65S3 ONSEMI-NVB099N65S3 Datasheet
267Kb / 9P
MOSFET ??Power, N-Channel, SUPERFET III, Automotive, Easy Drive
August, 2020 ??Rev. 1
More results


유사한 설명 - NVB055N60S5F

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCH072N60F-ND FAIRCHILD-FCH072N60F-ND Datasheet
597Kb / 9P
FCH072N60F N-Channel SuperFET II FRFET MOSFET 600 V, 52 A, 72 m廓
logo
ON Semiconductor
NTHL019N60S5F ONSEMI-NTHL019N60S5F Datasheet
262Kb / 9P
MOSFET - Power, Single N-Channel, SUPERFET V, FRFET, TO247-3L 600 V, 19 m, 75 A
December, 2021-Rev. 1
NTMT061N60S5F ONSEMI-NTMT061N60S5F Datasheet
300Kb / 9P
MOSFET - Power, Single N-Channel, SUPERFET V, FRFET, Power88 600 V, 61 m, 41 A
August, 2021-Rev. 0
NTP125N60S5FZ ONSEMI-NTP125N60S5FZ Datasheet
221Kb / 9P
MOSFET - Power, Single N-Channel, SUPERFET V, FRFET, TO220 600 V, 125 m, 22 A
August, 2021-Rev. 1
NVHL040N60S5F ONSEMI-NVHL040N60S5F Datasheet
797Kb / 9P
MOSFET ??Single N-Channel, SUPERFET V, FRFET 600 V, 40 m, 59 A
April, 2022 ??Rev. 0
NVHL055N60S5F ONSEMI-NVHL055N60S5F Datasheet
808Kb / 9P
MOSFET ??Single N-Channel, SUPERFET V, FRFET 600 V, 55 m, 45 A
April, 2022 ??Rev.
FCH041N60F-F085 ONSEMI-FCH041N60F-F085 Datasheet
515Kb / 10P
MOSFET - N-Channel, SUPERFET II, FRFET 600 V, 76 A, 41 m
December, 2020 ??Rev. 3
FCH104N60F-F085 ONSEMI-FCH104N60F-F085 Datasheet
407Kb / 10P
MOSFET – N-Channel, SUPERFET II, FRFET 600 V, 37 A, 104 m
December, 2020 - Rev. 3
FCH190N65F-F085 ONSEMI-FCH190N65F-F085 Datasheet
422Kb / 10P
MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
November, 2019 - Rev. 3
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com