전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NVMFS4C306N 데이터시트 (PDF) - ON Semiconductor

부품명 NVMFS4C306N
상세설명  MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
파일 크기   201.94 Kbytes
Html View  1   2   3   4   5   6   7   8 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS4C306N 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NVMFS4C306N

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NVMFS4C302N ONSEMI-NVMFS4C302N Datasheet
132Kb / 7P
Power MOSFET 30 V, 1.15 m, 241 A, Single N?묬hannel Logic Level, SO??FL
December, 2017-Rev. 0
NVMFS4C302NT1G ONSEMI-NVMFS4C302NT1G Datasheet
132Kb / 7P
Power MOSFET 30 V, 1.15 m, 241 A, Single N?묬hannel Logic Level, SO??FL
December, 2017-Rev. 0
NVMFS4C302NWFT1G ONSEMI-NVMFS4C302NWFT1G Datasheet
132Kb / 7P
Power MOSFET 30 V, 1.15 m, 241 A, Single N?묬hannel Logic Level, SO??FL
December, 2017-Rev. 0
NVMFS4C308N ONSEMI-NVMFS4C308N Datasheet
241Kb / 9P
MOSFET - Power, Single N-Channel, DFN5/DFNW5 30 V, 4.8 m, 55 A
September, 2021-Rev. 1
NVMFS4C308NT1G ONSEMI-NVMFS4C308NT1G Datasheet
241Kb / 9P
MOSFET - Power, Single N-Channel, DFN5/DFNW5 30 V, 4.8 m, 55 A
September, 2021-Rev. 1
More results


유사한 설명 - NVMFS4C306N

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N Datasheet
143Kb / 6P
Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4931N ONSEMI-NTMFS4931N Datasheet
123Kb / 7P
Power MOSFET 30 V, 246 A, Single N.Channel, SO.8 FL
May, 2012 ??Rev. 0
NVMFS024N06C ONSEMI-NVMFS024N06C Datasheet
143Kb / 6P
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1
NTMFS4C302N ONSEMI-NTMFS4C302N Datasheet
184Kb / 7P
MOSFET ??Single, N-Channel, Logic Level, SO-8 FL 30 V, 1.15 m, 230 A
February, 2021-Rev. 3
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com