전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DRT 데이터시트 (PDF) - AiT Semiconductor Inc.

부품명 DRT
상세설명  DIP POWER CHOKE 30uH짹20% / 2.0A
파일 크기   213.1 Kbytes
Html View  1 
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

DRT 데이터시트 (PDF) - AiT Semiconductor Inc.



유사한 부품 번호 - DRT

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
DRT-240 ASTRODYNE-DRT-240 Datasheet
352Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
MicroPower Direct, LLC
DRT-240 MPD-DRT-240 Datasheet
119Kb / 2P
Low Cost, Three-Phase 240W, DIN Rail Mount AC/DC Power Supplies
logo
Mean Well Enterprises C...
DRT-240 MEANWELL-DRT-240 Datasheet
314Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
More results


유사한 설명 - DRT

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DFB20T SANYO-DFB20T Datasheet
48Kb / 2P
2.0A Power Rectifier
DSA20T SANYO-DSA20T Datasheet
49Kb / 2P
2.0A Power Rectifier
logo
Superworld Electronics
SDM088HBA SUPERWORLD-SDM088HBA Datasheet
237Kb / 6P
DIP POWER CHOKE COIL
SDM109HHA SUPERWORLD-SDM109HHA Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
SDM119HJA SUPERWORLD-SDM119HJA Datasheet
255Kb / 6P
DIP POWER CHOKE COIL
SDM129HLA SUPERWORLD-SDM129HLA Datasheet
304Kb / 6P
DIP POWER CHOKE COIL
SHM088HBA SUPERWORLD-SHM088HBA Datasheet
227Kb / 5P
DIP POWER CHOKE COIL
SHM109HHA SUPERWORLD-SHM109HHA Datasheet
233Kb / 6P
DIP POWER CHOKE COIL
SHM119HJA SUPERWORLD-SHM119HJA Datasheet
308Kb / 8P
DIP POWER CHOKE COIL
SHM129HLA SUPERWORLD-SHM129HLA Datasheet
299Kb / 8P
DIP POWER CHOKE COIL
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com