전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1301530145 데이터시트 (PDF) - Molex Electronics Ltd.

부품명 1301530145
상세설명  INLINE GFCI 20A, 240V ATTACHABLE W/PLUG & CONN. SUPER-SAFEWAY
파일 크기   288.95 Kbytes
Html View  1 
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1301530145 데이터시트 (PDF) - Molex Electronics Ltd.



유사한 부품 번호 - 1301530145

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1301530145 MOLEX11-1301530145 Datasheet
48Kb / 1P
Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase
1301530145 MOLEX1-1301530145_17 Datasheet
48Kb / 1P
Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase, Manual Reset
More results


유사한 설명 - 1301530145

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1301530122 MOLEX-1301530122 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530127 MOLEX-1301530127 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530131 MOLEX-1301530131 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
22/04/28
1301530149 MOLEX-1301530149 Datasheet
281Kb / 1P
INLINE GFCI 20A, 240V ATTACHABLE W/PLUG &CONN. WATERTITE
2022/01/20
1301530151 MOLEX-1301530151 Datasheet
281Kb / 1P
INLINE GFCI 20A, 240V ATTACHABLE W/PLUG &CONN. WATERTITE
2022/01/20
1301530063 MOLEX-1301530063 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
1301530068 MOLEX-1301530068 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
1301530203 MOLEX-1301530203 Datasheet
180Kb / 1P
IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS
2022/01/20
1301530204 MOLEX-1301530204 Datasheet
180Kb / 1P
IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS
2022/01/20
1301530205 MOLEX-1301530205 Datasheet
180Kb / 1P
IN-LINE GFCI 20A, 240V ATTACHABLE FLYING LEADS
2022/01/20
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com