전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1301530259 데이터시트 (PDF) - Molex Electronics Ltd.

부품명 1301530259
상세설명  20A/120V INLINE GFCI W/ NEMA 5-20 50FT
파일 크기   300.32 Kbytes
Html View  1 
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1301530259 데이터시트 (PDF) - Molex Electronics Ltd.



유사한 부품 번호 - 1301530259

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1301530250 MOLEX1-1301530250 Datasheet
38Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Multi Phase, Manual Reset, 30A
1301530250 MOLEX-1301530250 Datasheet
887Kb / 2P
30A, 120/208VAC, 3PHASE, 2 10/5
2021/07/29
1301530251 MOLEX1-1301530251 Datasheet
38Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Multi Phase, Automatic Reset, 30A
1301530251 MOLEX-1301530251 Datasheet
884Kb / 2P
30A, 120/240VAC INLINE GFCI SPLIT PHASE #10/4 CABLE
2021/07/29
1301530251 MOLEX-1301530251 Datasheet
884Kb / 2P
30A, 120/240VAC INLINE GFCI SPLIT PHASE #10/4 CABLE
2021/07/29
More results


유사한 설명 - 1301530259

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1301530122 MOLEX-1301530122 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530127 MOLEX-1301530127 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530131 MOLEX-1301530131 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
22/04/28
1301530020 MOLEX-1301530020 Datasheet
642Kb / 1P
120V 15A INLINE GFCI W/ MOLDED PLUG & CONN NEMA 5-15
2022/01/04
1301530024 MOLEX-1301530024 Datasheet
642Kb / 1P
120V 15A INLINE GFCI W/ MOLDED PLUG & CONN NEMA 5-15
2022/01/04
1301530026 MOLEX-1301530026 Datasheet
810Kb / 2P
INLINE GFCI 15A, 120V W/ TRIPLE TAP CONNECTOR NEMA 5-15
2021/10/11
1301530043 MOLEX-1301530043 Datasheet
714Kb / 1P
120V 15A INLINE GFCI W/ 1447 & 1547 NEMA 5-15
2022/02/02
1301530046 MOLEX-1301530046 Datasheet
714Kb / 1P
120V 15A INLINE GFCI W/ 1447 & 1547 NEMA 5-15
2022/02/02
1301530052 MOLEX-1301530052 Datasheet
714Kb / 1P
120V 15A INLINE GFCI W/ 1447 & 1547 NEMA 5-15
2022/02/02
1301530053 MOLEX-1301530053 Datasheet
714Kb / 1P
120V 15A INLINE GFCI W/ 1447 & 1547 NEMA 5-15
2022/02/02
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com