전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESM5328ZW 데이터시트 (PDF) - Eudyna Devices Inc

부품명 ESM5328ZW
상세설명  Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
파일 크기   35.67 Kbytes
Html View  1   2   3 
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

ESM5328ZW 데이터시트 (PDF) - Eudyna Devices Inc



유사한 부품 번호 - ESM5328ZW

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
ESM5320ZW EUDYNA-ESM5320ZW Datasheet
37Kb / 4P
Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5326ZW EUDYNA-ESM5326ZW Datasheet
35Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5327ZW EUDYNA-ESM5327ZW Datasheet
36Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
More results


유사한 설명 - ESM5328ZW

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
ESM5317ZW EUDYNA-ESM5317ZW Datasheet
50Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5326ZW EUDYNA-ESM5326ZW Datasheet
35Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5327ZW EUDYNA-ESM5327ZW Datasheet
36Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
logo
Tyco Electronics
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com