전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NVBG150N65S3F 데이터시트 (PDF) - ON Semiconductor

부품명 NVBG150N65S3F
상세설명  MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 150 m, 24 A
파일 크기   232.15 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVBG150N65S3F 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NVBG150N65S3F

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NVBG1000N170M1 ONSEMI-NVBG1000N170M1 Datasheet
375Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 960 mohm, 1700V, M1, D2PAK-7L
October, 2023 - Rev. 1
NVBG110N65S3F ONSEMI-NVBG110N65S3F Datasheet
235Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 110 m, 30 A
May, 2022 - Rev. 0
NVBG160N120SC1 ONSEMI-NVBG160N120SC1 Datasheet
244Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L
February, 2020 ??Rev. 0
NVBG160N120SC1 ONSEMI-NVBG160N120SC1 Datasheet
327Kb / 8P
Silicon Carbide (SiC) MOSFET – 160 mohm, 1200V, M1, D2PAK-7L
May, 2022 - Rev. 2
NVBG160N120SC1 ONSEMI-NVBG160N120SC1_V01 Datasheet
327Kb / 8P
Silicon Carbide (SiC) MOSFET – 160 mohm, 1200V, M1, D2PAK-7L
May, 2022 - Rev. 2
More results


유사한 설명 - NVBG150N65S3F

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NVBG015N065SC1 ONSEMI-NVBG015N065SC1 Datasheet
345Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 650 V, 12 m, 145 A
February, 2021 ??Rev. 2
NTBG015N065SC1 ONSEMI-NTBG015N065SC1 Datasheet
301Kb / 9P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 650 V, 12 m, 145 A
April, 2021 ??Rev. 1
NTBG045N065SC1 ONSEMI-NTBG045N065SC1 Datasheet
296Kb / 9P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 650 V, 31 m, 62 A
March, 2021 ??Rev. 0
NVB082N65S3F ONSEMI-NVB082N65S3F Datasheet
242Kb / 9P
MOSFET - Power, Single N-Channel, D2PAK 650 V, 82 m, 40 A
November, 2020 ??Rev. 4
NVB110N65S3F ONSEMI-NVB110N65S3F Datasheet
242Kb / 9P
MOSFET ??Power, Single N-Channel, D2PAK 650 V, 110 m, 30 A
November, 2020-Rev. 5
NVB150N65S3F ONSEMI-NVB150N65S3F Datasheet
230Kb / 9P
MOSFET - Power, Single N-Channel, D2PAK 650 V, 150 m, 24 A
December, 2021 ??Rev. 1
NVBG089N65S3F ONSEMI-NVBG089N65S3F Datasheet
226Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 89 m, 37 A
May, 2022 - Rev. 0
NVBG095N65S3F ONSEMI-NVBG095N65S3F Datasheet
235Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 95 m, 36 A
May, 2022 - Rev. 1
NVBG110N65S3F ONSEMI-NVBG110N65S3F Datasheet
235Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 110 m, 30 A
May, 2022 - Rev. 0
NVBG190N65S3F ONSEMI-NVBG190N65S3F Datasheet
236Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 190 m, 20 A
May, 2022 - Rev. 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com