전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC-C019 데이터시트 (PDF) - Hittite Microwave Corporation

부품명 HMC-C019
상세설명  HIGH ISOLATION SPST SWITCH MODULE, DC - 20.0 GHz
파일 크기   413.53 Kbytes
Html View  1   2   3   4   5   6 
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C019 데이터시트 (PDF) - Hittite Microwave Corporation



유사한 부품 번호 - HMC-C019

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC-C010 HITTITE-HMC-C010 Datasheet
581Kb / 6P
600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
467Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C012 HITTITE-HMC-C012 Datasheet
826Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
More results


유사한 설명 - HMC-C019

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7 Datasheet
172Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
Skyworks Solutions Inc.
AS130-73 SKYWORKS-AS130-73 Datasheet
117Kb / 4P
GaAs SPST High-Isolation Switch 300 kHz-2.5 GHz
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7_07 Datasheet
258Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7_08 Datasheet
186Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6 GHz
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch
logo
TriQuint Semiconductor
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com