| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
1200661307
|
44Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (90°), 22 AWG, PVC Cable, 1.0m (3.28) Length
01/31/2023 |
|
1200661336
|
44Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90°) to Male (90°), 22 AWG, PVC Cable, 1.0m (3.28) Length
02/02/2023 |
|
1200670046
|
35Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (Straight) with PNP LED Sensors, 22 AWG, PVC Cable, 1.0m (3.28) Length
02/01/2023 |
|
1200670074
|
35Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (90°) with PNP LED Sensors, 22 AWG, PVC Cable, 1.0m (3.28) Length
02/01/2023 |
|
1200670117
|
35Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90°) to Male (Straight) with PNP LED Sensors, 22 AWG, TPE Cable, 1.0m (3.28) Length
01/31/2023 |
|
1200675235
|
35Kb / 1P |
Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (90°) with PNP LED Sensors, 22 AWG, PVC Cable, 1.0m (3.28) Length
09/02/2022 |
|
1200675242
|
35Kb / 1P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (90°) with PNP LED Sensors, 22 AWG, PVC Cable, 1.0m (3.28) Length
08/31/2022 |
|
1200675243
|
35Kb / 1P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (90°) with PNP LED Sensors, 22 AWG, PUR Cable, 1.0m (3.28) Length
08/29/2022 |
|
1200675246
|
35Kb / 1P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90°) to Male (90°) with PNP LED Sensors, 22 AWG, PVC Cable, 1.0m (3.28) Length
08/30/2022 |
|
1200675247
|
35Kb / 1P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90°) to Male (90°) with PNP LED Sensors, 22 AWG, PUR Cable, 1.0m (3.28) Length
08/30/2022 |