| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 KATHREIN Solutions GmbH |
742270V03
|
1Mb / 7P |
6-Port Antenna Frequency Range Dual Polarization HPBW Adjust. Electr. DT set by hand or by optional RCU (Remote Control Unit)
|
|
80010123V03
|
1Mb / 6P |
4-Port Antenna Frequency Range Dual Polarization HPBW Adjust. Electr. DT set by hand or by optional RCU (Remote Control Unit)
|
|
80010753
|
431Kb / 3P |
2-Port Antenna Frequency Range Dual Polarization HPBW Fixed Electr. DT Integrated Combiner
|
 CommScope Inc. |
HBX-3319DS-VTM
|
367Kb / 4P |
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021 |
|
HBXX-3319DS-VTM
|
378Kb / 3P |
4-port sector antenna, 4x 1710–2180 MHz, 33° HPBW, RET compatible
July 28, 2022 |
 KATHREIN Solutions GmbH |
80010901
|
1Mb / 9P |
4-Port Antenna Frequency Range Dual Polarization HPBW Adjust. Electr. DT set by
|
|
80010306
|
254Kb / 2P |
Panel Frequency Range Dual Polarization HPBW Adjust. Electr. DT set by hand or by optional RCU (Remote Control Unit)
|
|
80010991
|
1Mb / 6P |
12-Port Antenna Frequency Range Dual Polarization HPBW Adjust. Electr. DT
|
|
80010965
|
423Kb / 6P |
8-Port Antenna Frequency Range Dual Polarization HPBW Gain Adjust. Electr. DT
|
|
80010992
|
1Mb / 13P |
12-Port Antenna Frequency Range Dual Polarization HPBW Adjust. Electr. DT
|