| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
2196572024
|
282Kb / 1P |
Pico-Lock 2.0 R-S 2ckt 600mm disc Au
2022/01/13 |
|
2196572030
|
290Kb / 1P |
Pico-Lock 2.0 R-S 3ckt 50mm disc Au
2022/01/13 |
|
2196562020
|
280Kb / 1P |
Pico-Lock 2.0 R-R 2ckt 50mm disc Au
2022/01/13 |
|
2183971050
|
84Kb / 1P |
PICO-SPOX 1.5 R-S 5CKT 50MM DISC Sn
2021/05/31 |
|
2196562050
|
299Kb / 1P |
Pico-Lock 2.0 R-R 5ckt 50mm disc Au
2022/01/13 |
|
2196562060
|
305Kb / 1P |
Pico-Lock 2.0 R-R 6¢kt 50mm disc Au
2022/01/13 |
|
2196572020
|
283Kb / 1P |
Pico-Lock 2.0 R-S 2ckt 50mm disc Au
2022/01/13 |
|
2196572040
|
292Kb / 1P |
Pico-Lock 2.0 R-S 4ckt 50mm disc Au
2022/01/13 |
|
2196572060
|
306Kb / 1P |
Pico-Lock 2.0 R-S 6¢ckt 50mm disc Au
2022/01/13 |
|
2196781050
|
305Kb / 1P |
Micro Latch 2.0 R-R 5ckt 50mm disc Sn
2022/03/08 |