전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5069-IB16F 데이터시트 (PDF) - NHP Electrical Engineering Products

부품명 5069-IB16F
상세설명  COMPACT 5000 I/O 16DI 24V DC MODULE FAST
파일 크기   562.95 Kbytes
Html View  1 
제조업체  NHP [NHP Electrical Engineering Products]
홈페이지  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

5069-IB16F 데이터시트 (PDF) - NHP Electrical Engineering Products



유사한 부품 번호 - 5069-IB16F

제조업체부품명데이터시트상세설명
logo
NHP Electrical Engineer...
5069-IB16 NHP-5069-IB16 Datasheet
561Kb / 1P
COMPACT 5000 I/O 16DI 24V DC MODULE
8 June 2023,
More results


유사한 설명 - 5069-IB16F

제조업체부품명데이터시트상세설명
logo
NHP Electrical Engineer...
1794-IB16XOB16P NHP-1794-IB16XOB16P Datasheet
544Kb / 2P
FLEX I/O 16DI SINK 16DO PROTECTED SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XT NHP-1794-IB16XT Datasheet
622Kb / 1P
FLEX I/O XT 16DI 24V DC SINK MODULE
7 June 2023,
5069-HSC2XOB4 NHP-5069-HSC2XOB4 Datasheet
557Kb / 1P
COMPACT 5000 I/O 2CH HSC 4DO 24V DC MODULE
8 June 2023,
5069-IA16 NHP-5069-IA16 Datasheet
561Kb / 1P
COMPACT 5000 I/O 16DI 120/240V AC MODULE
8 June 2023,
5069-IB16 NHP-5069-IB16 Datasheet
561Kb / 1P
COMPACT 5000 I/O 16DI 24V DC MODULE
8 June 2023,
5069-IB8S NHP-5069-IB8S Datasheet
507Kb / 1P
COMPACT 5000 SAFETY I/O 8DI 24V DC MODULE
8 June 2023,
5069-OB16 NHP-5069-OB16 Datasheet
561Kb / 1P
COMPACT 5000 I/O 16DO 24V DC MODULE
8 June 2023,
5069-OB16F NHP-5069-OB16F Datasheet
566Kb / 1P
COMPACT 5000 I/O 16DO 24V DC MODULE FAST
8 June 2023,
5069-OB8 NHP-5069-OB8 Datasheet
561Kb / 1P
COMPACT 5000 I/O 8DO 24V DC HIGH CURRENT (2A) MODULE
8 June 2023,
5069-OBV8S NHP-5069-OBV8S Datasheet
529Kb / 1P
COMPACT 5000 SAFETY I/O 8 BIPOLAR OUTPUTS 24V DC MODULE
8 June 2023,
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com