| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Cree, Inc |
CMPA2735075D
|
394Kb / 7P |
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1 |
|
CMPA2735075F
|
2Mb / 10P |
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 2.0 |
|
CMPA2735015D
|
537Kb / 9P |
15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
|
|
CMPA2735030D
|
529Kb / 9P |
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
|
 Qorvo, Inc |
QPA3069
|
778Kb / 19P |
2.7 ??3.5 GHz 100 W GaN Power Amplifier
|
 WOLFSPEED, INC. |
CMPA2735015D
|
610Kb / 9P |
15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020 |
|
CMPA2735030D
|
468Kb / 9P |
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019 |
|
CMPA2735030S
|
1Mb / 17P |
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022 |
|
CMPA2735075D
|
386Kb / 9P |
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020 |
|
CMPA2735075F1
|
1Mb / 10P |
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20 |