전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSIC1MO120G0120 데이터시트 (PDF) - Littelfuse

부품명 LSIC1MO120G0120
상세설명  1200 V, 120 mOhm N-Channel SiC MOSFET
파일 크기   528.61 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSIC1MO120G0120 데이터시트 (PDF) - Littelfuse



유사한 부품 번호 - LSIC1MO120G0120

제조업체부품명데이터시트상세설명
logo
Littelfuse
LSIC1MO120G0025 LITTELFUSE-LSIC1MO120G0025 Datasheet
415Kb / 10P
1200 V, 25 mOhm N-Channel SiC MOSFET
2/8/2021
More results


유사한 설명 - LSIC1MO120G0120

제조업체부품명데이터시트상세설명
logo
Littelfuse
LSIC1MO120E0080 LITTELFUSE-LSIC1MO120E0080 Datasheet
898Kb / 8P
LSIC1MO120E0080 1200 V N-channel, Enhancement-mode SiC MOSFET
LSIC1MO120E0120 LITTELFUSE-LSIC1MO120E0120 Datasheet
915Kb / 8P
LSIC1MO120E0120 1200 V N-channel, Enhancement-mode SiC MOSFET
LSIC1MO120E0160 LITTELFUSE-LSIC1MO120E0160 Datasheet
943Kb / 8P
LSIC1MO120E0160 1200 V N-channel, Enhancement-mode SiC MOSFET
logo
ON Semiconductor
NTBG014N120M3P ONSEMI-NTBG014N120M3P Datasheet
149Kb / 6P
Silicon Carbide (SiC) MOSFET ??14mohm, 1200V, M3, D2PAK-7L
March, 2022 ??Rev. 0
NTC160N120SC1 ONSEMI-NTC160N120SC1 Datasheet
171Kb / 8P
Silicon Carbide (SiC) MOSFET – 160 mohm, 1200V, M1, Bare Die
April, 2022 - Rev. 1
NXH40B120MNQ0SNG ONSEMI-NXH40B120MNQ0SNG_V01 Datasheet
645Kb / 13P
Silicon Carbide (SiC) Module – EliteSiC, 40 mohm SiC M1 MOSFET, 1200 V 40 A, 1200 V SiC Diode, Two Channel Full SiC Boost, Q0 Package
February, 2023 - Rev. 2
NXH40B120MNQ1SNG ONSEMI-NXH40B120MNQ1SNG_V01 Datasheet
923Kb / 12P
Silicon Carbide (SiC) Module – EliteSiC, 40 mohm SiC M1 MOSFET, 1200 V 40 A, 1200 V SiC Diode, Three Channel Full SiC Boost, Q1 Package
February, 2023 - Rev. P2
NXH80B120MNQ0SNG ONSEMI-NXH80B120MNQ0SNG_V01 Datasheet
679Kb / 13P
Silicon Carbide (SiC) Module – EliteSiC, 80 mohm SiC M1 MOSFET, 1200 V 20 A, 1200 V SiC Diode, Two Channel Full SiC Boost, Q0 Package
February, 2023 - Rev. P2
logo
Littelfuse
LSIC1MO120G0025 LITTELFUSE-LSIC1MO120G0025 Datasheet
415Kb / 10P
1200 V, 25 mOhm N-Channel SiC MOSFET
2/8/2021
LSIC1MO170E0750 LITTELFUSE-LSIC1MO170E0750 Datasheet
515Kb / 10P
1700 V, 750 mOhm N-Channel SiC MOSFET
12/14/2020
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com