| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 ECM Electronics Limited... |
ECV15
|
65Kb / 1P |
VCXO Crystal Oscillator
|
|
ECV30
|
67Kb / 1P |
VCXO Crystal Oscillator
|
 NIHON DEMPA KOGYO |
NV7050SA
|
82Kb / 1P |
Voltage-Controlled Crystal Oscillator (VCXO)
|
|
NV7050SG
|
617Kb / 2P |
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
|
 Epson Company |
VG-4513CB
|
398Kb / 2P |
VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR (VCXO)
|
 Skyworks Solutions Inc. |
SI560
|
1Mb / 22P |
Ultra Series™ Crystal Oscillator
Revision 206618A May, 2023 |
|
SI561
|
1Mb / 22P |
Ultra Series™ Crystal Oscillator
Revision 206619A May, 2023 |
|
SI562
|
1Mb / 23P |
Ultra Series™ Crystal Oscillator
Revision 206620A May, 2023 |
|
SI564
|
1Mb / 38P |
Ultra Series™ Crystal Oscillator
Revision 206621A May, 2023 |
|
SI566
|
1Mb / 23P |
Ultra Series™ Crystal Oscillator (VCXO)
Revision 206623A May, 2023 |