전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL07012AV 데이터시트 (PDF) - Transko Electronics, Inc.

부품명 TL07012AV
상세설명  70.00 MHz IF SAW Filter / 12.40 MHz Bandwidth
파일 크기   766.66 Kbytes
Html View  1   2   3   4   5 
제조업체  TRANSKO [Transko Electronics, Inc.]
홈페이지  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TL07012AV 데이터시트 (PDF) - Transko Electronics, Inc.



유사한 부품 번호 - TL07012AV

제조업체부품명데이터시트상세설명
logo
Transko Electronics, In...
TL07012BV TRANSKO-TL07012BV Datasheet
764Kb / 5P
70.00 MHz IF SAW Filter / 12.25 MHz Bandwidth
Revision 0: 05 Mar. 2012
More results


유사한 설명 - TL07012AV

제조업체부품명데이터시트상세설명
logo
Oscilent Corporation
813-SL70.0M-18B OSCILENT-813-SL70.0M-18B Datasheet
1Mb / 6P
70.00 MHz IF SAW Filter 18.00 MHz Bandwidth
821-IF70.0M-16C OSCILENT-821-IF70.0M-16C Datasheet
219Kb / 6P
70.00 MHz IF SAW Filter 16.10 MHz Bandwidth
logo
Transko Electronics, In...
TA07009AD TRANSKO-TA07009AD Datasheet
648Kb / 4P
70.00 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 26 Mar. 2012
TF-007004-S90 TRANSKO-TF-007004-S90 Datasheet
623Kb / 4P
70.00 MHz IF SAW Filter / 26.00 MHz Bandwidth
Revision 0: 09 Jan. 2013
TL07005AV TRANSKO-TL07005AV Datasheet
674Kb / 5P
70.00 MHz IF SAW Filter / 6.10 MHz Bandwidth
Revision 0: 15 Feb. 2012
TL07012BV TRANSKO-TL07012BV Datasheet
764Kb / 5P
70.00 MHz IF SAW Filter / 12.25 MHz Bandwidth
Revision 0: 05 Mar. 2012
TL07016BT TRANSKO-TL07016BT Datasheet
675Kb / 4P
70.00 MHz IF SAW Filter / 16.80 MHz Bandwidth
Revision 0: 27 Dec. 2010
TL07018AV TRANSKO-TL07018AV Datasheet
538Kb / 4P
70.00 MHz IF SAW Filter / 18.10 MHz Bandwidth
Revision 0: 22 Jul 2009
TL7007V TRANSKO-TL7007V Datasheet
442Kb / 3P
70.00 MHz IF SAW Filter / 6.8 MHz Bandwidth
Revision 2: 14 Apr. 2011
TL7040AD TRANSKO-TL7040AD Datasheet
391Kb / 3P
70.00 MHz IF SAW Filter / 39.7 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com