전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1117A 데이터시트 (PDF) - Belden Inc.

부품명 1117A
상세설명  Type TX Thermocouple, 1 Pr #16 Sol, FEP Ins Blu, Red, OS, Blue FEP Jkt,300V PLTC CL2P 200C SUN RES
파일 크기   160.56 Kbytes
Html View  1   2 
제조업체  BELDEN [Belden Inc.]
홈페이지  https://www.belden.com/
Logo BELDEN - Belden Inc.

1117A 데이터시트 (PDF) - Belden Inc.



유사한 부품 번호 - 1117A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
1117ADJ NSC-1117ADJ Datasheet
405Kb / 21P
800mA Low-Dropout Linear Regulator
1117ADJ NSC-1117ADJ Datasheet
921Kb / 21P
800mA Low-Dropout Linear Regulator
logo
TOKO, Inc
1117AS-100M TOKO-1117AS-100M Datasheet
107Kb / 2P
Fixed Inductors for Surface Mounting
1117AS-120M TOKO-1117AS-120M Datasheet
107Kb / 2P
Fixed Inductors for Surface Mounting
1117AS-1R2N TOKO-1117AS-1R2N Datasheet
107Kb / 2P
Fixed Inductors for Surface Mounting
More results


유사한 설명 - 1117A

제조업체부품명데이터시트상세설명
logo
Belden Inc.
1115A BELDEN-1115A Datasheet
177Kb / 2P
Type JX Thermocouple, 1 Pr #16 Sol, FEP Ins Wht, Red, OS, Blk FEP Jkt,300V PLTC CL2P 200C SUN RES
06-01-2023
83905 BELDEN-83905 Datasheet
158Kb / 2P
Type K Thermocouple, 1 Pr #20 Sol, FEP Ins Yel, Red, Brn FEP Jkt, CL3P 200C PLTC SUN RES
04-14-2023
1116A BELDEN-1116A Datasheet
162Kb / 2P
Type KX Thermocouple, 1 Pr #16 Sol, FEP Ins Yel, Red, OS, Yellow FEP Jkt,300V PLTC CL2P 200C SUN RES
04-14-2023
83900 BELDEN-83900 Datasheet
157Kb / 2P
Type J Thermocouple, 1 Pr #20 Sol, FEP Ins Wht, Red, Brn FEP Jkt, 300V CL3P 200C PLTC SUN RES
04-14-2023
83910 BELDEN-83910 Datasheet
156Kb / 2P
Type T Thermocouple, 1 Pr #20 Sol, FEP Ins Blu, Red, Brn FEP Jkt, 300V CL3P 200C PLTC SUN RES
04-14-2023
83915 BELDEN-83915 Datasheet
157Kb / 2P
Type E Thermocouple, 1 Pr #20 Sol, FEP Ins Pur, Red, Brn FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
83952 BELDEN-83952 Datasheet
180Kb / 2P
Type KX Thermocouple, 1 Pr #20 Str, FEP Ins Yel, Red, Yellow FEP Jkt, 300V CL3P 200C PLTC SUN RES
04-28-2023
1114A BELDEN-1114A Datasheet
160Kb / 2P
Type EX Thermocouple, 1 Pr #16 Sol, FEP Ins Wht, Red, OS, Purple FEP Jkt,300V PLTC CL2P 200C SUN RES
04-14-2023
83951 BELDEN-83951 Datasheet
160Kb / 2P
Type JX Thermocouple, 1 Pr #16 Str,FEP Ins Wht, Red, OS, Blk FEP Jkt,300V CL3P 200C PLTC SUN RES
04-14-2023
83954 BELDEN-83954 Datasheet
159Kb / 2P
Type TX Thermocouple, 1 Pr #20 Str, FEP Ins Blu, Red, Blue FEP Jkt, 300V CL3P 200C PLTC SUN RES
11-09-2022
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com