전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CGA-6618 데이터시트 (PDF) - SIRENZA MICRODEVICES

부품명 CGA-6618
상세설명  Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
파일 크기   297.61 Kbytes
Html View  1   2   3   4   5   6   7   8 
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES

CGA-6618 데이터시트 (PDF) - SIRENZA MICRODEVICES



유사한 부품 번호 - CGA-6618

제조업체부품명데이터시트상세설명
logo
Stanford Microdevices
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
RF Micro Devices
CGA-6618 RFMD-CGA-6618 Datasheet
427Kb / 10P
DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
CGA-6618Z RFMD-CGA-6618Z Datasheet
427Kb / 10P
DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
More results


유사한 설명 - CGA-6618

제조업체부품명데이터시트상세설명
logo
Stanford Microdevices
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
Dual CATV Broadband High Linearity SiGe HBT Amplifier
CGB-1089Z SIRENZA-CGB-1089Z Datasheet
165Kb / 6P
50 - 1000 MHz Single Ended InGaP/GaAs HBT MMIC CATV Amplifier
logo
Tyco Electronics
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
CGA-6618 RFMD-CGA-6618 Datasheet
427Kb / 10P
DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com