| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
2196791100
|
334Kb / 1P |
Micro Latch 2.0 R-S 10ckt 50mm disc Sn
2022/03/08 |
|
2185091040
|
83Kb / 1P |
MILLI-GRID DR R-R 4CKT 50MM DISC Sn
2021/05/31 |
|
2185091060
|
84Kb / 1P |
MILLI-GRID DR R-R 6CKT 50MM DISC Sn
2021/05/31 |
|
2185091080
|
85Kb / 1P |
MILLI-GRID DR R-R 8CKT 50MM DISC Sn
2021/05/31 |
|
2185091100
|
86Kb / 1P |
MILLI-GRID DR R-R 10CKT 50MM DISC Sn
2021/05/31 |
|
2185101040
|
83Kb / 1P |
MILLI-GRID DR R-S 4CKT 50MM DISC Sn
2021/05/31 |
|
2185101060
|
83Kb / 1P |
MILLI-GRID DR R-S 6CKT 50MM DISC Sn
2021/05/31 |
|
2185101080
|
84Kb / 1P |
MILLI-GRID DR R-S 8CKT 50MM DISC Sn
2021/05/31 |
|
2196781100
|
335Kb / 1P |
Micro Latch 2.0 R-R 10ckt 50mm disc Sn
2022/03/08 |
|
2219561101
|
105Kb / 1P |
iGrid R-S 10ckt 100mm disc Sn
2023/03/15 |