| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
3104140042
|
132Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 110/120VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140051
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 220/240VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
8536SCO3V02H31S
|
133Kb / 2P |
NEMA motor starter, Type S, nonreversing, Size 1, 27A, 10HP at 460VAC, up to 100kA SCCR, 3 phase, 3 pole, Motor Logic, 120VAC coil, open
Jun 30, 2022 |
|
8536SCO3V06H30
|
134Kb / 2P |
NEMA motor starter, Type S, nonreversing, Size 1, 27A, 10HP at 460VAC, up to 100kA SCCR, 3 phase, 3 pole, Motor Logic, 480VAC coil, open
Jun 30, 2022 |
|
8536SCO3V01S
|
133Kb / 2P |
NEMA motor starter, Type S, nonreversing, Size 1, 27A, 10HP at 460VAC, 5kA SCCR, 3 phase, 3 pole, melting alloy, 24VAC coil, open
Jul 4, 2022 |
|
8536SCH3V08C
|
131Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP nonreversing, Size 1, 27A, 10 HP 3 pole, melting alloy, 208 VAC coil, NEMA 3R
Jul 21, 2022 |
|
8538SCA23S8V06
|
66Kb / 2P |
NEMA Combination Starter, Type S, 60A fusible disconnect, Size 1, 27A, 7.5 HP at 240 VAC polyphase, 480VAC coil, NEMA 12
Sep 4, 2023 |
|
8538SCG34V81CFF4T
|
108Kb / 2P |
NEMA Combination Starter, Type S, 30A fusible disconnect, Size 1, 27A, 10HP at 600VAC, 3 phase, 3 pole, melting alloy, 120VAC coil, NEMA 1
Sep 15, 2023 |
|
8539SCA54V02S
|
110Kb / 2P |
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 10HP at 600VAC 3 phase, melting alloy, 120VAC coil, NEMA 12
Oct 5, 2023 |
|
8539SCG7V06
|
105Kb / 2P |
NEMA Combination Starter, Type S, 30A HHL thermal magnetic circuit breaker, Size 1, 27A, 3 phase, 480 VAC coil, NEMA 1
Oct 11, 2023 |
|