전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5AAB 데이터시트 (PDF) - ML Accessories Limited. All rights reserved.

부품명 CS5AAB
상세설명  5A Unswitched Socket - Antique Brass with Black Insert
파일 크기   346.74 Kbytes
Html View  1 
제조업체  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
홈페이지  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CS5AAB 데이터시트 (PDF) - ML Accessories Limited. All rights reserved.



유사한 부품 번호 - CS5AAB

제조업체부품명데이터시트상세설명
logo
ML Accessories Limited....
CS5ABC KNIGHTSBRIDGE-CS5ABC Datasheet
316Kb / 1P
5A Unswitched Socket - Brushed Chrome with Black Insert
08/04/2024
CS5ABCG KNIGHTSBRIDGE-CS5ABCG Datasheet
314Kb / 1P
5A Unswitched Socket - Brushed Chrome with Grey Insert
08/04/2024
CS5ABCW KNIGHTSBRIDGE-CS5ABCW Datasheet
312Kb / 1P
5A Unswitched Socket - Brushed Chrome with White Insert
08/04/2024
More results


유사한 설명 - CS5AAB

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
Molex Electronics Ltd.
0480061111 MOLEX6-0480061111 Datasheet
237Kb / 3P
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing, Brass Terminals, Single Key, with Beveled
84506-0003 MOLEX11-84506-0003 Datasheet
51Kb / 1P
XRC Sealed Receptacle with Socket Insert, Shell Size 24, 31 Circuits, with Collar
84510-0005 MOLEX11-84510-0005 Datasheet
45Kb / 1P
XRC Sealed Plug with Socket Insert, Shell Size 24, 31 Circuits, with Collar
logo
List of Unclassifed Man...
SRH-1RUMB ETC2-SRH-1RUMB Datasheet
60Kb / 1P
MATERIALS: HANDLE, UL94V-0, POLYCARBONATE AND ABS / BRASS INSERT
logo
Molex Electronics Ltd.
0845100005 MOLEX1-0845100005 Datasheet
39Kb / 1P
XRC Sealed Plug with Socket Insert, Shell Size 24, 31 Circuits, with Collar
logo
Neutrik AG
NP3CM-B NEUTRIK-NP3CM-B Datasheet
75Kb / 3P
0.206" MIL-plug (MIL-P-642/5A), black metal housing, brass contacts
logo
List of Unclassifed Man...
SAB4-G ETC1-SAB4-G Datasheet
246Kb / 1P
plugs with rigid insulating sleeve. Machined brass. The socket
logo
PHOENIX CONTACT
1656505 PHOENIX-1656505 Datasheet
70Kb / 4P
Socket insert - VS-SI-SD-DE
09/11/2020
logo
FIBOX Enclosing innovat...
7700101 FIBOX-7700101 Datasheet
46Kb / 1P
Brass insert set for PC/ABS
11.08.2023
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com