| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Vicor Corporation |
03144
|
52Kb / 1P |
SOCKET, FUSE, PCB, 5A, 125VAC
|
 Molex Electronics Ltd. |
0480061111
|
237Kb / 3P |
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing, Brass Terminals, Single Key, with Beveled
|
|
84506-0003
|
51Kb / 1P |
XRC Sealed Receptacle with Socket Insert, Shell Size 24, 31 Circuits, with Collar
|
 List of Unclassifed Man... |
SRH-1RUMB
|
60Kb / 1P |
MATERIALS: HANDLE, UL94V-0, POLYCARBONATE AND ABS / BRASS INSERT
|
 Molex Electronics Ltd. |
0845100005
|
39Kb / 1P |
XRC Sealed Plug with Socket Insert, Shell Size 24, 31 Circuits, with Collar
|
 Neutrik AG |
NP3CM-B
|
75Kb / 3P |
0.206" MIL-plug (MIL-P-642/5A), black metal housing, brass contacts
|
 List of Unclassifed Man... |
SAB4-G
|
246Kb / 1P |
plugs with rigid insulating sleeve. Machined brass. The socket
|
 PHOENIX CONTACT |
1656505
|
70Kb / 4P |
Socket insert - VS-SI-SD-DE
09/11/2020 |
 Diodes Incorporated |
ZXBM5408Q
|
1Mb / 16P |
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2 |
 FIBOX Enclosing innovat... |
7700101
|
46Kb / 1P |
Brass insert set for PC/ABS
11.08.2023 |