전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

14G0.75SY 데이터시트 (PDF) - Belden Inc.

부품명 14G0.75SY
상세설명  MachFlex™ 350SY, 13C1G 0.75 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd, PVC Outer Jkt
파일 크기   149.63 Kbytes
Html View  1   2 
제조업체  BELDEN [Belden Inc.]
홈페이지  https://www.belden.com/
Logo BELDEN - Belden Inc.

14G0.75SY 데이터시트 (PDF) - Belden Inc.



유사한 부품 번호 - 14G0.75SY

제조업체부품명데이터시트상세설명
logo
Belden Inc.
14G0.75 BELDEN-14G0.75 Datasheet
157Kb / 2P
MachFlex™ 350YY, 13C1G 0.75 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
14G0.75-010100M BELDEN-14G0.75-010100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 13C1G 0.75 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
14G0.75-010200M BELDEN-14G0.75-010200M Datasheet
157Kb / 2P
MachFlex™ 350YY, 13C1G 0.75 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
14G0.75-010300M BELDEN-14G0.75-010300M Datasheet
157Kb / 2P
MachFlex™ 350YY, 13C1G 0.75 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
14G0.75-G8U100M BELDEN-14G0.75-G8U100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 13C1G 0.75 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results


유사한 설명 - 14G0.75SY

제조업체부품명데이터시트상세설명
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
123079E BELDEN-123079E Datasheet
139Kb / 2P
Profibus, 1 Pr #22 Str BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
05-05-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9965 BELDEN-9965 Datasheet
159Kb / 2P
Electronic, 1 C #22 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
32P1620 BELDEN-32P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V
04-14-2023
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com