| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 NXP Semiconductors |
LPC84X
|
2Mb / 97P |
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018 |
 Princeton Technology Co... |
PT32C302
|
213Kb / 3P |
ARM 짰 Cortex??M0 Microcontroller
|
|
PT32M625
|
268Kb / 4P |
ARM 짰 Cortex??M0 Microcontroller
|
 Nuvoton Technology Corp... |
M2354
|
4Mb / 234P |
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01 |
|
M0A21
|
8Mb / 212P |
Arm® Cortex®-M 32-bit Microcontroller
|
|
M0A21
|
8Mb / 212P |
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02 |
|
M031BT
|
6Mb / 203P |
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01 |
|
M480
|
10Mb / 473P |
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00 |
|
M480
|
12Mb / 525P |
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03 |
|
M254
|
8Mb / 256P |
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021 |