전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK002D4-24 데이터시트 (PDF) - Alpha Industries

부품명 AK002D4-24
상세설명  GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
파일 크기   35.04 Kbytes
Html View  1   2 
제조업체  ALPHA [Alpha Industries]
홈페이지  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AK002D4-24 데이터시트 (PDF) - Alpha Industries



유사한 부품 번호 - AK002D4-24

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AK002D4-11 ALPHA-AK002D4-11 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AK002D4-31 ALPHA-AK002D4-31 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results


유사한 설명 - AK002D4-24

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
AA230-24 ALPHA-AA230-24 Datasheet
38Kb / 2P
GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AT001D6-25 ALPHA-AT001D6-25 Datasheet
28Kb / 2P
GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85 Datasheet
947Kb / 6P
GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
logo
Alpha Industries
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AK802D4-24 SKYWORKS-AK802D4-24 Datasheet
31Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
AA110-85 SKYWORKS-AA110-85 Datasheet
791Kb / 8P
GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com