전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBM0203R 데이터시트 (PDF) - Sanyo Semicon Device

부품명 SBM0203R
상세설명  Schottky Barrier Diode 30V, 0.2A Rectifier
파일 크기   48.28 Kbytes
Html View  1   2   3   4 
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBM0203R 데이터시트 (PDF) - Sanyo Semicon Device



유사한 부품 번호 - SBM0203R

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SBM0204R SANYO-SBM0204R Datasheet
48Kb / 4P
Schottky Barrier Diode 40V, 0.2A Rectifier
More results


유사한 설명 - SBM0203R

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
SBH0204R SANYO-SBH0204R Datasheet
48Kb / 4P
Schottky Barrier Diode 40V, 0.2A Rectifier
SBM0204R SANYO-SBM0204R Datasheet
48Kb / 4P
Schottky Barrier Diode 40V, 0.2A Rectifier
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
Schottky Barrier Diode 30V, 1.5A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Diode
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Rectifiers
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
0.2A, 30V Surface Mount Schottky Barrier Diode
logo
Will Semiconductor Ltd.
WSB5546N WILLSEMI-WSB5546N Datasheet
818Kb / 4P
0.2A, Schottky Barrier Diode
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com