전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX109696 데이터시트 (PDF) - Belden Inc.

부품명 AX109696
상세설명  Field installable transition kit, for up to 8 fibers 250μm to 2.0mm yellow
파일 크기   281.27 Kbytes
Html View  1 
제조업체  BELDEN [Belden Inc.]
홈페이지  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX109696 데이터시트 (PDF) - Belden Inc.



유사한 부품 번호 - AX109696

제조업체부품명데이터시트상세설명
logo
Belden Inc.
AX109697 BELDEN-AX109697 Datasheet
281Kb / 1P
Field installable transition kit, for up to 8 fibers 250μm to 2.0mm Erika violet
12-03-2024
AX109698 BELDEN-AX109698 Datasheet
254Kb / 1P
Field installable break-out kit, 2 fibers 250μm to 900μm furcation tubes
01-31-2024
AX109699 BELDEN-AX109699 Datasheet
292Kb / 1P
Field installable transition kit, for (12) or (24) fibers 250μm to (1) 3.0mm
01-26-2024
More results


유사한 설명 - AX109696

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
710S188M16 GLENAIR-710S188M16 Datasheet
68Kb / 1P
Non-Environmental User-Installable Transition Fitting
712-388S20C GLENAIR-712-388S20C Datasheet
77Kb / 1P
Environmental User-Installable Splice Kit
logo
Dubilier
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
SUYIN USA, INC.
200175MI SUYIN-USA-200175MI Datasheet
213Kb / 1P
2.0mm DUAL ROW TRANSITION PLUG I.D.C.TYPE
logo
Glenair, Inc.
712-379 GLENAIR-712-379 Datasheet
101Kb / 1P
Non-Environmental User-Installable Transition Fitting
logo
Dubilier
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Red Lion Controls. Inc
PX2FCA00 REDLION-PX2FCA00 Datasheet
315Kb / 2P
Field-Installable FlexCard Modules
logo
Tyco Electronics
1-2823588-1 MACOM-1-2823588-1 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
logo
TE Connectivity Ltd
M12 TEC-M12 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
logo
Schneider Electric
ABLPA01 SCHNEIDER-ABLPA01 Datasheet
92Kb / 2P
Mounting kit for Power Supply, up to 150W
Mar 23, 2022
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com