전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT-28000509 데이터시트 (PDF) - Atom Lighting

부품명 AT-28000509
상세설명  6W & 10W IP65 LED Garden spike light
파일 크기   576.55 Kbytes
Html View  1   2 
제조업체  ATOM [Atom Lighting]
홈페이지  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT-28000509 데이터시트 (PDF) - Atom Lighting



유사한 부품 번호 - AT-28000509

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT-280 MACOM-AT-280 Datasheet
184Kb / 3P
Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280PIN MACOM-AT-280PIN Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT-280RTR MACOM-AT-280RTR Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
More results


유사한 설명 - AT-28000509

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
OptoSupply Internationa...
OSPR6XX5-XXXXE1C1E OPTOSUPPLY-OSPR6XX5-XXXXE1C1E Datasheet
48Kb / 2P
Xeon Power 6W LED Module Green light source, fast response
logo
List of Unclassifed Man...
BUBOE27160WF05 ETC2-BUBOE27160WF05 Datasheet
1Mb / 8P
6W Non Dimmable Light Bulb
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
Schneider Electric
XB6EAV4JP SCHNEIDER-XB6EAV4JP Datasheet
127Kb / 5P
Monolithic pilot light, Harmony XB6E, round 횠 16, IP65, red, integral LED 12VDCpolarised,
Sep 13, 2021
XB6ECV1BP SCHNEIDER-XB6ECV1BP Datasheet
124Kb / 5P
Monolithic pilot light, Harmony XB6E, square 16, IP65, white, integral LED 24VDCpolarised,connector
Sep 13, 2021
logo
OSRAM GmbH
PLT5520EA_P OSRAM-PLT5520EA_P Datasheet
1Mb / 16P
Architecture / Garden Lighting (LED & Laser)
PLT5522EA_P OSRAM-PLT5522EA_P Datasheet
1Mb / 16P
Architecture / Garden Lighting (LED & Laser)
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com