전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLA110 데이터시트 (PDF) - Littelfuse

부품명 PLA110
상세설명  400V, 150mA Single-Pole
파일 크기   215.73 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLA110 데이터시트 (PDF) - Littelfuse



유사한 부품 번호 - PLA110

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA110L CLARE-PLA110L Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Littelfuse
PLA110L LITTELFUSE-PLA110L Datasheet
200Kb / 7P
400V, 150mA Single-Pole
11/18/2025
More results


유사한 설명 - PLA110

제조업체부품명데이터시트상세설명
logo
International Rectifier
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
logo
Micrel Semiconductor
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
logo
International Rectifier
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
logo
IXYS Corporation
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1225N IXYS-CPC1225N Datasheet
165Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com