전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0172 데이터시트 (PDF) - Proto Advantage SMD Adapter

부품명 IPC0172
상세설명  DFN-8/MLP-8 to DIP-12 SMT Adapter (1.27 mm pitch, 6 x 8 mm body)
파일 크기   44.65 Kbytes
Html View  1   2 
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0172 데이터시트 (PDF) - Proto Advantage SMD Adapter



유사한 부품 번호 - IPC0172

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0170 PROTOADVANTAGE-IPC0170 Datasheet
44Kb / 2P
BGA-24 to DIP-24 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0170-S PROTOADVANTAGE-IPC0170-S Datasheet
103Kb / 1P
BGA-24 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0171 PROTOADVANTAGE-IPC0171 Datasheet
112Kb / 2P
BGA-25 to DIP-25 SMT Adapter (1.0 mm pitch, 8 x 6 mm body)
revision 1.1
IPC0171-S PROTOADVANTAGE-IPC0171-S Datasheet
103Kb / 1P
BGA-25 Stencil (1.0 mm pitch, 8 x 6 mm body)
revision 1.0
IPC0173 PROTOADVANTAGE-IPC0173 Datasheet
43Kb / 2P
DFN-8/MOS-8 to DIP-8 SMT Adapter (0.97 mm pitch, 3.94 x 2.36 mm body)
revision 1.0
More results


유사한 설명 - IPC0172

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
GMA26881C FAIRCHILD-GMA26881C Datasheet
238Kb / 6P
2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2688C FAIRCHILD-GMA2688C Datasheet
264Kb / 7P
2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
logo
Kingbright Corporation
TBA18-81 KINGBRIGHT-TBA18-81 Datasheet
457Kb / 3P
47.8 MM (1.8 INCH) 8 X 8 MULTICOLOR DOT
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Integrated Device Techn...
IDT5P50911 IDT-IDT5P50911 Datasheet
131Kb / 11P
8-pin DFN package
logo
List of Unclassifed Man...
87622161 ETC2-87622161 Datasheet
351Kb / 10P
Display : 8-digit LCD, height 8 mm
logo
Weidmuller
9019030000 WEIDMULLER-9019030000 Datasheet
226Kb / 3P
Wire-end ferrule, Standard, 8 mm, 6 mm, grey
November 9, 2021
logo
Nexperia B.V. All right...
GAN080-650EBE NEXPERIA-GAN080-650EBE Datasheet
320Kb / 15P
650 V, 80 mOhm Gallium Nitride (GaN) FET in a DFN 8 mm x 8 mm package
5 May 2023
GAN140-650EBE NEXPERIA-GAN140-650EBE Datasheet
319Kb / 14P
650 V, 140 mOhm Gallium Nitride (GaN) FET in a DFN 8 mm x 8 mm package
28 April 2023
GAN190-650EBE NEXPERIA-GAN190-650EBE Datasheet
7Mb / 14P
650 V, 190 mOhm Gallium Nitride (GaN) FET in a DFN 8 mm x 8 mm package
19 April 2023
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com