전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPC0191-S 데이터시트 (PDF) - Proto Advantage SMD Adapter

부품명 IPC0191-S
상세설명  RN42 Stencil (1.2 mm pitch, 25.8 x 13.4 mm body)
파일 크기   105.5 Kbytes
Html View  1 
제조업체  PROTOADVANTAGE [Proto Advantage SMD Adapter]
홈페이지  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0191-S 데이터시트 (PDF) - Proto Advantage SMD Adapter



유사한 부품 번호 - IPC0191-S

제조업체부품명데이터시트상세설명
logo
Proto Advantage SMD Ada...
IPC0191 PROTOADVANTAGE-IPC0191 Datasheet
108Kb / 2P
RN42 to DIP-32 SMT Adapter (1.2 mm pitch, 25.8 x 13.4 mm body)
revision 1.0
More results


유사한 설명 - IPC0191-S

제조업체부품명데이터시트상세설명
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
Jauch Quartz Gmbh
JTX210 JAUCH-JTX210 Datasheet
257Kb / 2P
4 Pad Version 1.6 x 1.2 mm
JXS11 JAUCH-JXS11 Datasheet
158Kb / 2P
4 Pad Version 1.6 x 1.2 mm
logo
ILSI America LLC
ISM16 ILSI-ISM16 Datasheet
178Kb / 2P
1.6 mm x 1.2 mm 4 Pads SMD Oscillator
logo
Abracon Corporation
ABBTM-2.4GHZ-51-T ABRACON-ABBTM-2.4GHZ-51-T Datasheet
5Mb / 8P
20.0 x 13.4 x 2.2 mm SMT Bluetooth Module
01.14.15
logo
Transko Electronics, In...
4ZTTCR TRANSKO-4ZTTCR Datasheet
389Kb / 1P
CERAMIC RESONATORS (4.5 X 2.0 X 1.2 mm)
Rev. 1: Jul. 2014
OX-A1 TRANSKO-OX-A1 Datasheet
426Kb / 2P
OCXO 25.8 X 25.8 X 16mm SQUARE PACKAGE
Rev. 2: Mar. 2015
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com