전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NSR060A0X 데이터시트 (PDF) - Lineage Power Corporation

부품명 NSR060A0X
상세설명  Naos Raptor 60A: Non-Isolated Power Modules
파일 크기   771.55 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR060A0X 데이터시트 (PDF) - Lineage Power Corporation



유사한 부품 번호 - NSR060A0X_10

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
NSR060A0X43-49Z LINEAGEPOWER-NSR060A0X43-49Z Datasheet
777Kb / 18P
5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
NSR060A0X43Z LINEAGEPOWER-NSR060A0X43Z Datasheet
777Kb / 18P
5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
NSR060A0X543-37Z LINEAGEPOWER-NSR060A0X543-37Z Datasheet
777Kb / 18P
5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 60A output current
More results


유사한 설명 - NSR060A0X_10

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
TLynxTM: Non-Isolated DC-DC Power Modules
APTS050A0X LINEAGEPOWER-APTS050A0X Datasheet
610Kb / 20P
GigaTLynxTM Non-isolated Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
Naos Raptor 3A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
Naos Raptor 6A: Non-Isolated DC-DC Power Modules
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR040A0X LINEAGEPOWER-NSR040A0X_11 Datasheet
497Kb / 18P
Naos Raptor 40A Non-Isolated Power Modules
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
Naos Raptor 50A: Non-Isolated Power Modules
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com