전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB20 데이터시트 (PDF) - Fairchild Semiconductor

부품명 FSUSB20
상세설명  Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
파일 크기   703.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20 데이터시트 (PDF) - Fairchild Semiconductor



유사한 부품 번호 - FSUSB20_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB20L10X FAIRCHILD-FSUSB20L10X Datasheet
720Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB20L10X FAIRCHILD-FSUSB20L10X Datasheet
1Mb / 17P
Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results


유사한 설명 - FSUSB20_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com