| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Rohm |
2SB1197K
|
93Kb / 3P |
Low Frequency Transistor(-32V, -0.8A)
|
|
2SD1781K
|
93Kb / 4P |
Medium Power Transistor (32V, 0.8A)
|
 Leshan Radio Company |
L2SD1781KLT1
|
94Kb / 4P |
Medium Power Transistor(32V, 0.8A)
|
 Rohm |
2SB1197K
|
53Kb / 3P |
Low Frequency Transistor (-32V, -0.8A)
|
|
2SD1781K
|
53Kb / 4P |
Medium Power Transistor (32V, 0.8A)
|
 Leshan Radio Company |
L2SD1781KQLT1G
|
115Kb / 4P |
Medium Power Transistor (32V, 0.8A) High current capacity in compact
|
 Rohm |
2SD1781KT146R
|
59Kb / 4P |
Medium Power Transistor (32V, 0.8A)
|
|
2SB1197KT146R
|
58Kb / 3P |
Low Frequency Transistor (32V, 0.8A)
|
|
2SD1781KT146Q
|
59Kb / 4P |
Medium Power Transistor (32V, 0.8A)
|
 AiT Semiconductor Inc. |
2SD1781KR
|
484Kb / 7P |
GENERAL PURPOSE TRANSISTORS MEDIUM POWER TRANSISTOR(32V, 0.8A)
REV1.1 |