| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
45970
|
200Kb / 2P |
1.27 by 1.27mm (.050 by .050?? Pitch SEARAY* Connector
|
|
74552-0001
|
315Kb / 2P |
1.85mm by 1.85mm (.073??by .073?? GbX* Cable Assembly
|
 Hittite Microwave Corpo... |
HMC791LC4B
|
435Kb / 10P |
DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
|
 Molex Electronics Ltd. |
0754334204
|
249Kb / 3P |
1.85mm by 1.85mm (.073 by .073
|
 Hittite Microwave Corpo... |
HMC791LC4B
|
738Kb / 10P |
28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
|
 Winchester Electronics ... |
2-6
|
150Kb / 1P |
OUTLINE DRAWN HOODS REG TOP OPENING FOR TURNABLE JACKSCREWS
|
|
2-9
|
113Kb / 1P |
OUTLINE DRAWN HOODS LARGE SIDE OPENING FOR TURNABLE JACK SCREWS
|
 Tiger Electronic Co.,Lt... |
ULN2003ADR
|
679Kb / 7P |
provided By ALLDATASHEET.COM
|
 PHOENIX CONTACT |
2909963
|
97Kb / 6P |
Drawn section panel mounting base, with a constructional width of 108 mm and a fixed length of 235 cm
|
 New Jersey Semi-Conduct... |
DAN
|
446Kb / 1P |
DAN & DAP Networks
|