전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P232 데이터시트 (PDF) - PREMO CORPORATION S.L

부품명 P232
상세설명  Planar Transformer Push Pull 24V - 12,5A
파일 크기   497.16 Kbytes
Html View  1   2   3 
제조업체  PREMO [PREMO CORPORATION S.L]
홈페이지  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

P232 데이터시트 (PDF) - PREMO CORPORATION S.L



유사한 부품 번호 - P232_14

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
P232-155.52 CONNOR-WINFIELD-P232-155.52 Datasheet
130Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
More results


유사한 설명 - P232_14

제조업체부품명데이터시트상세설명
logo
Rhombus Industries Inc.
T-1128 RHOMBUS-IND-T-1128 Datasheet
35Kb / 1P
350W PUSH PULL TRANSFORMER
9/03/98
T-1066 RHOMBUS-IND-T-1066 Datasheet
22Kb / 1P
Push Pull Transformer
05/2/98
T-1183 RHOMBUS-IND-T-1183 Datasheet
20Kb / 1P
PUSH PULL Transformer
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
Push-Pull Low Power Transformer
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
T60402-C4615-X070 VACUUMSCHMELZE-T60402-C4615-X070 Datasheet
257Kb / 2P
Push-Pull Transformer
logo
Wurth Elektronik GmbH &...
750317331 WURTH-750317331 Datasheet
753Kb / 7P
WE-PPTI Push-Pull Transformer
006.000
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com