전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTMFS5C646NL 데이터시트 (PDF) - ON Semiconductor

부품명 NTMFS5C646NL
상세설명  Power MOSFET 60 V, 89 A, Single N?묬hannel
파일 크기   83.67 Kbytes
Html View  1   2   3   4   5   6 
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS5C646NL 데이터시트 (PDF) - ON Semiconductor



유사한 부품 번호 - NTMFS5C646NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTMFS5C646NL ONSEMI-NTMFS5C646NL Datasheet
81Kb / 6P
Power MOSFET
June, 2016 ??Rev. 4
NTMFS5C646NLT1G ONSEMI-NTMFS5C646NLT1G Datasheet
81Kb / 6P
Power MOSFET
June, 2016 ??Rev. 4
NTMFS5C646NLT3G ONSEMI-NTMFS5C646NLT3G Datasheet
81Kb / 6P
Power MOSFET
June, 2016 ??Rev. 4
NTMFS5C646NL ONSEMI-NTMFS5C646NL_16 Datasheet
81Kb / 6P
Power MOSFET
June, 2016 ??Rev. 4
More results


유사한 설명 - NTMFS5C646NL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NTMFS5C604NL ONSEMI-NTMFS5C604NL Datasheet
81Kb / 6P
Power MOSFET 60 V, 276 A, Single N?묬hannel
June, 2014 ??Rev. 0
NTMFS5C612NL ONSEMI-NTMFS5C612NL Datasheet
82Kb / 6P
Power MOSFET 60 V, 226 A, Single N?묬hannel
June, 2014 ??Rev. 0
NVMFS5C612N ONSEMI-NVMFS5C612N Datasheet
151Kb / 6P
Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C668NL ONSEMI-NTD5C668NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C688NL ONSEMI-NTD5C688NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NVTYS005N06CL ONSEMI-NVTYS005N06CL Datasheet
262Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A
September, 2021-Rev. 2
NVMFS6D1N08H ONSEMI-NVMFS6D1N08H Datasheet
145Kb / 8P
Power MOSFET 80 V, 5.5 m, 89 A, Single N?묬hannel
August, 2018 ??Rev. 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com