전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFBE30 데이터시트 (PDF) - Kersemi Electronic Co., Ltd.

부품명 IRFBE30
상세설명  Dynamic dV/dt Rating Repetitive Avalanche Rated
파일 크기   1965.56 Kbytes
Html View  1   2   3   4   5   6   7 
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFBE30 데이터시트 (PDF) - Kersemi Electronic Co., Ltd.



유사한 부품 번호 - IRFBE30

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
logo
Vishay Siliconix
IRFBE30 VISHAY-IRFBE30 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFBE30 VISHAY-IRFBE30 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
IRFBE30 VISHAY-IRFBE30 Datasheet
585Kb / 9P
Power MOSFET
16-Aug-2021
logo
Inchange Semiconductor ...
IRFBE30 ISC-IRFBE30 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-17
More results


유사한 설명 - IRFBE30

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHM7450 IRF-IRHM7450 Datasheet
311Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
REPETITIVE AVALANCHE RATED AND dv/dt RATED
logo
Kersemi Electronic Co.,...
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
Dynamic dV/dt Rating Repetitive Avalanche Rated
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com