전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PG2415T6X 데이터시트 (PDF) - Renesas Technology Corp

부품명 PG2415T6X
상세설명  0.05 to 6.0 GHz SPDT SWIT
파일 크기   230.16 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PG2415T6X 데이터시트 (PDF) - Renesas Technology Corp



유사한 부품 번호 - PG2415T6X_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PG2415TK RENESAS-PG2415TK Datasheet
238Kb / 14P
0.5 to 6.0 GHz SPDT SWITCH
More results


유사한 설명 - PG2415T6X_15

제조업체부품명데이터시트상세설명
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
0.05 to 6.0 GHz SPDT SWITCH
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2415T6X CEL-UPG2415T6X_09 Datasheet
434Kb / 10P
0.05 to 6.0 GHz SPDT SWITCH
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
UPG2422TK RENESAS-UPG2422TK Datasheet
275Kb / 17P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
Jan 20, 2011
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com