전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGS4310 데이터시트 (PDF) - TriQuint Semiconductor

부품명 TGS4310
상세설명  13-19GHz 5W SPDT Switch
파일 크기   350.77 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS4310 데이터시트 (PDF) - TriQuint Semiconductor



유사한 부품 번호 - TGS4310_15

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGS4310-SM TRIQUINT-TGS4310-SM Datasheet
784Kb / 13P
13-19GHz 2W SPDT Switch
TGS4310-SM TRIQUINT-TGS4310-SM_15 Datasheet
784Kb / 13P
13-19GHz 2W SPDT Switch
More results


유사한 설명 - TGS4310_15

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
SPDT Switch
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
TriQuint Semiconductor
TGS4310-SM TRIQUINT-TGS4310-SM_15 Datasheet
784Kb / 13P
13-19GHz 2W SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
SPDT Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Analog Devices
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com