전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC-AMS-162 데이터시트 (PDF) - Tyco Electronics

부품명 AMC-AMS-162
상세설명  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
파일 크기   239.54 Kbytes
Html View  1   2   3 
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

AMC-AMS-162 데이터시트 (PDF) - Tyco Electronics



유사한 부품 번호 - AMC-AMS-162

제조업체부품명데이터시트상세설명
logo
Analog Devices
AMC-ADA4945-1EBZ AD-AMC-ADA4945-1EBZ Datasheet
1Mb / 44P
High Speed Offset Drift Fully Differential ADC Driver
4/2019-Revision 0
AMC-ADA4945-1EBZ AD-AMC-ADA4945-1EBZ Datasheet
1Mb / 57P
High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
Rev. A
More results


유사한 설명 - AMC-AMS-162

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain,
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com